Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 12Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 13Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 16Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 17Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 18Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 19Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
16
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
For a Thermally heat sink #2328B, the heat sink-to-ambient thermal resistance (
θ
sa) versus airflow veloc-
ity is shown in Figure 7-4.
Figure 7-4.
Thermalloy #2328B Heat Sink-to-ambient Thermal Resistance vs. Airflow Velocity
Assuming an air velocity of 0.5 m/s, the effective R
sa is 7° C/W, thus
,
resulting in a die-junction temperature of approximately 75
° C which is well within the maximum operat-
ing temperature of the component.
Other heat sinks offered by Chip Coolers, IERC, Thermalloy, Wakefield Engineering and Aavid Engi-
neering offer different heat sink-to-ambient thermal resistances and may or may not need air flow.
Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are a common fig-
ure of merit used for comparing the thermal performance of various microelectronic packaging
technologies, one should exercise caution when only using this metric in determining thermal manage-
ment because no single parameter can adequately describe three-dimensional heat flow. The final die-
junction operating temperature is not only a function of the component-level thermal resistance, but of
the system-level design and its operating conditions. In addition to the component's power consumption,
a number of factors affect the final operating die-junction temperature – airflow, board population (local
heat flux of adjacent components), heat sink efficiency, heat sink attach, heat sink placement, next-level
interconnect technology, system air temperature rise, altitude, etc.
1
3
5
7
8
0
0.5
1
1.5
2
2.5
3
3.5
Thermalloy #2328B Pin-Fin Heat Sink
(25 x 28 x 15 mm)
Approach Air Velocity (m/s)
2
4
6
T
J
30
° C 5° C
0,03
° CW
⁄
1,0
° CW
⁄
7
° CW
⁄
++
() 5W
×
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com