Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 16Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 17Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 18Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 19Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 20Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 21Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
18
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
8.2
Power Dissipation
Notes:
1. These values apply for all valid processor bus and L2 bus ratios. The values do not include I/O supply
power (OVDD and L2OVDD) or PLL/DLL supply power (AVDD and L2AVDD). OVDD and L2OVDD power is
system dependent, but is typically <5% of V
DD power. Worst case power consumption for AVDD = 15
mW and L2AVDD = 15 mW.
2. Maximum power is measured at 105°C, at V
DD = 1.8V or 1.5Vwhile running an entirely cache-resident,
contrived sequence of instructions which keep the execution units, including AltiVec, maximally busy.
3. Typical power is an average value measured at 65°C, VDD = 1.8V or 1.5V,
OV
DD = L2OVDD = 2.5V in a system while running a codec application that is AltiVec intensive.
4. These values include the use of AltiVec. Without AltiVec operation, estimate a 25% decrease.
5. Power consumption derating at low temperatures to be defined after device characterization.
Table 8-1.
Power Consumption for PC7410 (1.8V)
Processor (CPU) Frequency
Unit
Power Mode
400 MHz
450 MHz
500 MHz
Core power supply
1.5V
1.8V
1.5V
1.8V
1.8 V
Full-On Mode
Typical(1)(3)
2.92
4.2
3.29
4.7
5.3
W
Maximum(1)(2)(4)(5)
6.6
9.5
7.43
10.7
11.9
W
Doze Mode
Maximum(1)(2)(5)
3.6
4.3
4.1
4.8
5.3
W
Nap Mode
Maximum(1)(2)(5)
1.35
1.35
1.5
1.5
1.65
W
Sleep Mode
Maximum(1)(2)(5)
1.3
1.3
1.45
1.45
1.6
W
Sleep Mode - PLL and DLL Disabled
Typical(1)(3)
600
600
600
600
600
mW
Maximum(1)(2)(5)
1.1
1.1
1.1
1.1
1.1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com