Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PC7410 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 2Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
5
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
• Completion
– 8-entry completion buffer
– Instruction tracking and peak completion of two instructions per cycle
– Completion of instructions in program order while supporting out-of-order instruction
execution, completion serialization and all instruction flow changes
• Fixed-point Units (FXUs) that Share 32 GPRs for Integer Operands
– Fixed-point Unit 1 (FXU1): multiply, divide, shift, rotate, arithmetic, logical
– Fixed-point Unit 2 (FXU2)—shift, rotate, arithmetic, logical
– Single-cycle arithmetic, shifts, rotates, logical
– Multiply and divide support (multi-cycle)
– Early out multiply
• Three-stage Floating-point Unit and a 32-entry FPR File
– Support for IEEE-754 standard single- and double-precision floating-point arithmetic
– Three-cycle latency, one-cycle throughput (single or double precision)
– Hardware support for divide
– Hardware support for denormalized numbers
– Time deterministic non-IEEE mode
• System Unit
– Executes CR logical instructions and miscellaneous system instructions
– Special register transfer instructions
• AltiVec Unit
– Full 128-bit data paths
– Two dispatchable units: vector permute unit and vector ALU unit
– Contains its own 32-entry 128-bit Vector Register File (VRF) with six renames
– The vector ALU unit is further sub-divided into the Vector Simple Integer Unit (VSIU), the
Vector Complex Integer Unit (VCIU) and the Vector Floating-point Unit (VFPU)
– Fully pipelined
• Load/Store Unit
– One-cycle load or store cache access (byte, half-word, word, double-word)
– Two-cycle load latency with one-cycle throughput
– Effective address generation
– Hits under misses (multiple outstanding misses)
– Single-cycle unaligned access within double-word boundary
– Alignment, zero padding, sign extend for integer register file
– Floating-point internal format conversion (alignment, normalization)
– Sequencing for load/store multiples and string operations
– Store gathering
– Executes the cache and TLB instructions
– Big- and little-endian byte addressing supported
– Misaligned little-endian supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com