Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 27Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 28Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 29Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 30Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 31Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 32Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 33Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 34Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
31
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
10. Preparation for Delivery
10.1
Handling
MOS devices must be handled with certain precautions to avoid damage due to accumulation of static
charge. Input protection devices have been designed in the chip to minimize the effect of static buildup.
However, the following handling practices are recommended:
• Devices should be handled on benches with conductive and grounded surfaces
• Ground test equipment, tools and operator
• Do not handle devices by the leads
• Store devices in conductive foam or carriers
• Avoid use of plastic, rubber or silk in MOS areas
• Maintain relative humidity above 50% if practical
• For CI-CGA packages, use specific tray to take care of the highest height of the package compared
with the normal CBGA
11. Package Mechanical Data
11.1
Parameters
The package parameters are as provided in the following list. The package type is 25x25 mm, 360-lead
CBGA, HiTCE and CI-CGA.
The following remarks apply to Figure 12-7 on page 39 and Figure 12-9 on page 41:
• Dimensions and tolerancing are as per ASME Y14.5M-1994.
• All dimensions are in millimeters.
• Top side A1 corner index is a metallized feature with various shapes. Bottom side A1 corner is
designated with a ball missing from the array.
• Dimension B is the maximum solder ball diameter measured parallel to datum A.
• D2 and E2 define the area occupied by the die and underfill. Actual size of this area may be smaller
than shown. D3 and E3 are the minimum clearance from the package edge to the chip capacitors.
Table 11-1.
Package Parameters
Parameter
Package outline
25 mm x 25 mm
Interconnects
360 (19 x 19 ball array minus one)
Pitch
1.27 mm (50 mil)
Minimum module height
2.65 mm (CBGA, HiTCE), 3.65 mm (CI-CGA)
Maximum module height
3.20 mm (CBGA), 3.24 mm (HiTCE), 4.20 mm (CI-CGA)
Ball or column diameter
0.89 mm (35 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com