
i
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Table of Contents
Features .................................................................................................... 1
Description ............................................................................................... 1
Screening ................................................................................................. 2
1
Block Diagram .......................................................................................... 3
2
General Parameters ................................................................................. 4
3
Overview ................................................................................................... 4
4
Signal Description ................................................................................... 8
5
Detailed Specification ............................................................................. 9
6
Applicable Documents ............................................................................ 9
6.1 Design and Construction ......................................................................................... 9
6.1.1 Terminal Connections ............................................................................. 9
6.2 Absolute Maximum Ratings ..................................................................................... 9
6.3 Recommended Operating Conditions ................................................................... 11
7
Thermal Characteristics ........................................................................ 12
7.1 Package Characteristics ........................................................................................ 12
7.1.1 Package Thermal Characteristics for HiTCE ......................................... 12
7.1.2 Package Thermal Characteristics for CI-CGA ....................................... 13
7.2 Internal Package Conduction Resistance ............................................................. 13
7.3 Thermal Management Information ........................................................................ 13
7.3.1 Adhesives and Thermal Interface Materials .......................................... 14
8
Power Consideration ............................................................................. 17
8.1 Power Management .............................................................................................. 17
8.2 Power Dissipation .................................................................................................. 18
9
Electrical Characteristics ...................................................................... 19
9.1 Static Characteristics ............................................................................................. 19
9.2 Dynamic Characteristics ........................................................................................ 20
9.2.1 Clock AC Specifications ........................................................................ 20
9.2.2 Processor Bus AC Specifications .......................................................... 21
9.2.3 L2 Clock AC Specifications ................................................................... 24
9.2.4 L2 Bus AC Specifications ...................................................................... 26