Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 20Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 21Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 22Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 23Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 24Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 25Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 26Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 27Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
24
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
Figure 9-4.
Mode Input Timing Diagram
where VM = Midpoint Voltage (OV
DD/2)
9.2.3
L2 Clock AC Specifications
The L2CLK frequency is programmed by the L2 configuration register (L2CR[4:6]) core-to-L2 divisor
ratio. See Table 13-2 on page 43 for example core and L2 frequencies at various divisors. Table 9-4 on
page 25 provides the potential range of L2CLK output AC timing specifications as defined in Figure 9-5
on page 26.
The L2SYNC_OUT signal is intended to be routed halfway out to the SRAMs and then returned to the
L2SYNC_IN input of the PC7410 to synchronize L2CLKOUT at the SRAM with the processor’s internal
clock. L2CLKOUT at the SRAM can be offset forward or backward in time by shortening or lengthening
the routing of L2SYNC_OUT to L2SYNC_IN. See Freescale
™ Application Note AN179/D "PowerPC
Backside L2 Timing Analysis for the PCB Design Engineer."
The minimum L2CLK frequency of Table 9-4 is specified by the maximum delay of the internal DLL. The
variable-tap DLL introduces up to a full clock period delay in the L2CLKOUTA, L2CLKOUTB and
L2SYNC_OUT signals so that the returning L2SYNC_IN signal is phase aligned with the next core clock
(divided by the L2 divisor ratio). Do not choose a core-to-L2 divisor which results in an L2 frequency
below this minimum, or the L2CLKOUT signals provided for SRAM clocking will not be phase aligned
with the PC7410 core clock at the SRAMs.
The maximum L2CLK frequency shown in Table 9-4 is the core frequency divided by one. Very few L2
SRAM designs will be able to operate in this mode. Most designs will select a greater core-to-L2 divisor
to provide a longer L2CLK period for read and write access to the L2 SRAMs. The maximum L2CLK fre-
quency for any application of the PC7410 will be a function of the AC timings of the PC7410, the AC
timings for the SRAM, bus loading and printed circuit board trace length.
e2v is similarly limited by system constraints and cannot perform tests of the L2 interface on a socketed
part on a functional tester at the maximum frequencies of Table 9-4. Therefore, functional operation and
AC timing information are tested at core-to-L2 divisors of 2 or greater.
L2 input and output signals are latched or enabled respectively by the internal L2CLK (which is SYSCLK
multiplied up to the core frequency and divided down to the L2CLK frequency). In other words, the AC
timings of Table 9-5 on page 26 are entirely independent of L2SYNC_IN. In a closed loop system, where
L2SYNC_IN is driven through the board trace by L2SYNC_OUT, L2SYNC_IN only controls the output
phase of L2CLKOUTA and L2CLKOUTB which are used to latch or enable data at the SRAMs. How-
ever, since in a closed loop system L2SYNC_IN is held in phase alignment with the internal L2CLK, the
signals of Table 9-5 are referenced to this signal rather than the not-externally-visible internal L2CLK.
During manufacturing test, these times are actually measured relative to SYSCLK.
HRESET
Mode Signals
SYSCLK
First sample
Second sample
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com