Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 10Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 11Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 12Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 13Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 16Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 17Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
14
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
Figure 7-2.
CBGA Package Cross-section with Heat Sink Options
7.3.1
Adhesives and Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the
thermal contact resistance. For those applications where the heat sink is attached by spring clip mecha-
nism, Figure 7-3 on page 15 shows the thermal performance of three thin-sheet thermal-interface
materials (silicone, graphite/oil, floroether oil), a bare joint and a joint with thermal grease as a function of
contact pressure. As shown, the performance of these thermal interface materials improves with increas-
ing contact pressure. The use of thermal grease significantly reduces the interface thermal resistance.
That is, the bare joint results in a thermal resistance approximately seven times greater than the thermal
grease joint.
Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board
(see Figure 7-2). This spring force should not exceed 5.5 pounds of force. Therefore, synthetic grease
offers the best thermal performance, considering the low interface pressure.
The board designer can choose between several types of thermal interface. Heat sink adhesive materi-
als should be selected based upon high conductivity, yet must have adequate mechanical strength to
meet equipment shock/vibration requirements.
Printed-Circuit Board
Adhesive or
Thermal Interface Material
Heat Sink Clip
Heat Sink
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com