Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 32Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 33Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 34Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 35Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 36Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 37Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 38Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 39Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
36
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
3. To allow for future I/O voltage changes, provide the option to connect BVSEL and L2VSEL independently to either OVDD
(selects 2.5V), GND (selects 1.8V), or to HRESET (selects 2.5V). The PC7410 Both the 60x processor bus and the L2 bus
only support the 1.8 and 2.5 options (see Table 6-2 on page 10). the default selection if BVSEL and/or L2VSEL is left uncon-
nected is 2.5V.
4. Connect to HRESET to trigger post power-on-reset (por) internal memory test.
5. Ignored in 60x bus mode.
6. Unused output in 60x bus mode.
7. Deasserted (pulled high) at HRESET for 60x bus mode.
8. Uses one of 9 existing no-connects in PC750’s 360-ball BGA package.
9. Internal pull-up on die.
10. Reuses PC750’s DRTRY, DBDIS and TLBISYNC pins (DTI1, DTI2 and EMODE respectively).
11. The VOLTDET pin position on the PC750 360-ball CBGA package is now an L2OVDD pin on the PC7410 packages.
12. Output only for PC7410, was I/O for PC750.
13. Enhanced mode only.
14. To overcome the internal pull-up resistance and ensure this input will recognize a low signal, a pull-down resistance less
than 250
Ω should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com