Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 13Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 16Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 17Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 18Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 19Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 20Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
17
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Due to the complexity and the many variations of system-level boundary conditions for today's micro-
electronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection and
conduction) may vary widely. For these reasons, it is recommended to use conjugate heat transfer mod-
els for the board, as well as system-level designs.
To expedite system-level thermal analysis, several “compact” thermal-package models are available
within FLOTHERM®. These are available upon request.
8.
Power Consideration
8.1
Power Management
The PC7410 provides four power modes, selectable by setting the appropriate control bits in the MSR
and HIDO registers. The four power modes are:
• Full-power: This is the default power state of the PC7410. The PC7410 is fully powered and the
internal functional units are operating at the full processor clock speed. If the dynamic power
management mode is enabled, functional units that are idle will automatically enter a low-power state
without affecting performance, software execution or external hardware.
• Doze: All the functional units of the PC7410 are disabled except for the time base/decrementer
registers and the bus snooping logic. When the processor is in doze mode, an external asynchronous
interrupt, a system management interrupt, a decrementer exception, a hard or soft reset or machine
check brings the PC7410 into the full-power state. The PC7410 in doze mode maintains the PLL in a
fully powered state and locked to the system external clock input (SYSCLK) so a transition to the full-
power state takes only a few processor clock cycles.
• Nap: The nap mode further reduces power consumption by disabling bus snooping, leaving only the
time base register and the PLL in a powered state. The PC7410 returns to the full-power state upon
receipt of an external asynchronous interrupt, a system management interrupt, a decrementer
exception, a hard or soft reset or a machine check input (MCP). A return to full-power state from a
nap state takes only a few processor clock cycles. When the processor is in nap mode, if QACK is
negated, the processor is put in doze mode to support snooping.
• Sleep: Sleep mode minimizes power consumption by disabling all internal functional units, after which
external system logic may disable the PLL and SYSCLK. Returning the PC7410 to the full-power
state requires the enabling of the PLL and SYSCLK, followed by the assertion of an external
asynchronous interrupt, a system management interrupt, a hard or soft reset or a machine check
input (MCP) signal after the time required to relock the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com