Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 10Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 11Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 12Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 13Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
6.3
Recommended Operating Conditions
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2. PC7410RXnnnLE (Rev 1.4) and later only. Previous revisions do not support 3.3V OV
DD and have a recommended OVDD
value of 2.5V ±100 mV for BVSEL = 1.
3. PC7410RXnnnLE (Rev 1.4) and later only. Previous revisions do not support BVSEL = HRESET.
4. Not supported for N spec with V
DD = 1.5V
Table 6-3.
Recommended Operating Conditions
(1)
Symbol
Characteristic
Recommended
Value
Unit
V
DD
Core supply voltage
1.8 ± 100 mV
or 1.5 ± 50 mV
V
AVDD
PLL supply voltage
1.8 ± 100 mV
or 1.5 ± 50 mV
V
L2AVDD
L2 DLL supply voltage
1.8 ± 100 mV
or 1.5 ± 50 mV
V
OVDD
Processor bus supply voltage see note (3)
BVSEL = 0
1.8 ± 100 mV
V
OVDD
BVSEL = HRESET
2.5 ± 100 mV
V
OV
DD
(2)(3)
BVSEL = 1 or = HRESET(4)
3.3 ± 165 mV
V
L2OVDD
L2 bus supply voltage
L2VSEL = 0
1.8 ± 100 mV
V
L2OVDD
L2VSEL = 1
(2) or L2VSEL = HRESET
2.5 ± 100 mV
V
V
IN
Input voltage
Processor bus
GND to OV
DD
V
VIN
L2 Bus
GND to L2OVDD
V
VIN
JTAG Signals
GND to OVDD
V
T
J
Die-junction temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com