Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 37Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 38Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 39Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 40Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 41Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 42Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 43Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 44Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
41
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Figure 12-9. Mechanical Dimensions and Bottom Surface Nomenclature of the 360-column CI-CGA
Package
A
A1
A2
A
0.15 A
F
T
360X
G
1 2 3 4 5 6 7 8 9 10 11 1213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
E
0.3
T
0.15
B
171819
U
W
V
K
K
D
PIN A1
E
D4
0.2
2X
B
E2
TOPVIEW
INDEX
D3
E3
0.2
2X
A3
A4
D1
E1
C
D2
E4
0.15
2X
360X
0.35 A
GND : C1.2 C2.2 C3.2 C4.2 C5.2 C6.2
C1.1, C2.1 : L2OVDD
C3.1, C6.1 : OVDD
C4.1, C5.1 : OVDD
C6
C1
C2
C3
C4
C5
2
1
12
12
1
2
2
1
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com