Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 135 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 135 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 131Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 132Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 133Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 134Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 135Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 136Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 137Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 138Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 139Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 144 page
background image
CP321
Post Module
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page D - 3
D.
Post Module
D.1
Board description
The CP320-Post is an optionally available tool which is used for hardware and software debug-
ging. During the startup process of the CP321 it provides the user with information about the
status of the boot process by means of a message code similar to the POST codes on the Intel
PC. When the board has completed the startup process, the CP320-Post may be used to pro-
vide debug information for software development. The programmer can, therefore, define his
own debug code and send it to the CP320-Post by making a byte write command to the first
address of the socket memory area. The address for accessing the Post module depends on
the DIL socket (1 or 2) in which it is inserted and the setting of jumper J1 on the CP321.
Table D-1: Access Addresses for CP320-Post
MEMORY
EXPANSION
POSITION
J1 SETTING
ADDRESS
Socket 1
Open
0xFFF8 0000
Set
0xFFF0 0000
Socket 2
not applicable
0xFFE8 0000
Note...
The CP320-Post will only work properly on sockets which are con-
figured for Flash or DiskOnChip modules.
Warning!
TURN POWER OFF
Always ensure that power is switched off before installing the
CP320-Post module.
SHORT CIRCUIT DANGER
When installing and operating the CP320-Post module ensure that
the module does not make contact with the front panel or any
other portions of the CP321 except the connections to the DIL
socket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com