Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 31Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 32Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 33Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 34Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 35Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 36Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 37Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 38Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
CP321
Functional Description
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 2 - 3
2.
Functional Description
The following chapters provide more detailed board information covering the following: board
general information, memory, board interfaces, special functions, and options.
2.1
General Information
The CP321 is based on the Motorola PowerPC processor MPC8245 which integrates a large
number of peripherals, such as a FPU PCI interface, PCI arbiter, Interrupt Controller, Memory
and DMA Controller and multiple Timers.
Important features of the CP321 are as follows:
603e Core:
•
CPU speed is 330 MHz.
•
high performance, superscalar 603e core
•
627 Dhrystone (2.1) MIPS
•
integer unit (IU), floating point unit (FPU) (user enabled or disabled), load/store unit
(LSU), system register unit (SRU), and a branch processing unit (BPU)
•
16 kB instruction cache
•
16 kB data cache
•
lockable L1 cache - entire cache or on a per-way basis
•
dynamic power management
•
I²C controller with full master/slave support
Memory Interface:
•
programmable timing support for SDRAM
(The CP321 uses SDRAM at 132 MHz)
•
high bandwidth bus (64-bit data bus) to SDRAM
•
2 memory banks with up to 128 MB each (64, 128 or 256 Mbit memory devices)
•
supports 32, 64, 128 and 256 MB SDRAM
•
contiguous memory mapping
•
8-bit ROM interface
•
write buffering for PCI and processor accesses
•
supports ECC
•
SDRAM data path buffer
•
low voltage transistor-to-transistor logic (LVTTL)
•
Port X: 8-bit general-purpose I/O port using ROM controller
interface with address strobe
32-bit PCI Interface:
•
operates up to 33 MHz
•
PCI Specification Revision 2.1 compatible
•
universal board (3.3V or 5V signaling on CPCI)
•
support for PCI-locked accesses to memory
•
support for accesses to all PCI address spaces
•
selectable big or little-endian operation (default on the CP321 is big-endian)
•
store gathering of processor-to-PCI write and PCI-to-memory write accesses
•
memory prefetching of PCI read accesses
•
selectable hardware-enforced coherency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com