Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 41Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 42Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 43Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 44Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 45Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 46Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 47Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 48Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 144 page
background image
CP321
Functional Description
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 2 - 13
Table 2-7: PCI Expansion Connector Pinout
SIGNAL
PIN
PIN
SIGNAL
GND 1)
1
2
SCL (I2C)
RST#
3
4
+3.3V
2)
+3.3V
2)
56
CLK2
CLK3
7
8
GND 1)
GND 1)
910
CLK4
INTB#
11
12
INTA#
INTD#
13
14
INTC#
+5V
3)
15
16
GNT#2
GNT#3
17
18
V(I/O)
6)
+3.3V
2)
19
20
GNT#4
GND 1)
21
22
REQ#2
REQ#3
23
24
GND 1)
+5V
3)
25
26
REQ#4
AD31
27
28
AD30
AD29
29
30
+5V
3)
GND 1)
31
32
AD28
AD27
33
34
AD26
AD25
35
36
GND 1)
+3.3V
2)
37
38
AD24
C/BE3#
39
40
SDA (I2C)
AD23
41
42
+3.3V
2)
GND 1)
43
44
AD22
AD21
45
46
AD20
AD19
47
48
GND 1)
V(I/O)
6)
49
50
AD18
AD17
51
52
AD16
C/BE2#
53
54
+5V
3)
GND 1)
55
56
FRAME#
IRDY#
57
58
GND 1)
+3.3V
2)
59
60
TRDY#
DEVSEL#
61
62
reserved
GND 1)
63
64
STOP#
LOCK#
65
66
+3.3V
2)
PERR#
67
68
V(I/O)
6)
SERR#
69
70
GND 1)
+5V
3)
71
72
PAR
C/BE1#
73
74
AD15
AD14
75
76
+3.3V
2)
GND 1)
77
78
AD13
AD12
79
80
AD11
AD10
81
82
GND 1)
GND 1)
83
84
AD9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com