Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 40Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 41Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 42Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 43Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 44Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 45Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 46Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 47Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 144 page
background image
Functional Description
CP321
Page 2 - 12
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
2.3.4
Serial Interface Expansion Connector and Pinout
The serial interface expansion connector provides the capability to add different front end inter-
faces to the UART B signals. For example, the available opto-isolated RS422/485 module,
CP320-TR1, may be plugged into this connector.
2.3.5
PCI Expansion Connector and Pinout
The PCI Expansion Connector (CON11) provides the possibility to mount several PCI mezza-
nine boards above the CP321 for adding additional functionality which is not provided on the
CP321 main board or on the CPCI bus. All the PCI signals of the onboard PCI bus (32-bit, 33
MHz) are routed to this connector so that a complete PCI bus is provided to the mezzanine
board with almost the same number of ground and power pins (3.3V, 5V, and V(I/O)) as are on
a CPCI J1 or PMC connector. In addition to the PCI signals, I²C signals are also routed to this
connector.
Examples of PCI expansion boards are:
•
PMC carrier
•
PC-MIP carrier
•
IO board with second Ethernet interface, SCSI etc.
A table showing the pinout of the PCI Expansion connector appears on the following pages.
Table 2-6: Serial I/F Expansion
Connector (CON3) Pinout
SIGNAL
PIN
PIN
SIGNAL
+3.3V
11
12
VCC
SCL
9
10
SDA
CTS
7
8
DTR
RxD
5
6
TxD
RE
3
4
DE
GND
1
2
RTSB
Figure 2-2: Serial I/F (CON3) Connec-
tor
1
12
11
2
1
100
99
2
Figure 2-2: PCI Expansion Connector (CON11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com