Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 38Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 39Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 40Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 41Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 42Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 43Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 44Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 45Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 144 page
background image
Functional Description
CP321
Page 2 - 10
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
2.3.2
Ethernet Connector and Pinout
The Ethernet interface is based on a PCI device from Intel: the Ethernet Controller 82559ERS.
The main features of the Ethernet are as follows:
•
integrated IEEE 802.3 10baseT and 100BaseTX compatible PHY
•
glueless 32-bit PCI master interface
•
compatible with driver software of the 82558 and 82557
•
full duplex support at both 10 and 100 Mbps
•
IEEE 802.3u Auto-Negotiation support
•
4 kB transmit FIFO
•
3 kB receive FIFO
The connector used for the 100BaseTX Ethernet interface is an RJ45 connector. The signals
on this connector are as follows
.
Table 2-4: Ethernet Connector
Pinout
PIN NUMBER
SIGNAL
1TX+
2TX-
3RX+
4N/C
5N/C
6RX-
7N/C
8N/C
Figure 2-2: Ethernet Connector
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com