Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 44Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 45Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 46Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 47Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 48Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 49Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 50Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 51Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 144 page
background image
Functional Description
CP321
Page 2 - 16
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
2.4
Special Board Functions
2.4.1
Watchdog Timer
A watchdog timer is available which (when enabled) on timeout forces either a non-maskable
interrupt (NMI) to be generated or causes a system reset to occur (refer to chapter 4 for con-
figuration details). The watchdog timing has four possible settings: 0.5, 1.0, 1.5, and 2.0 sec-
onds.
After selecting the timeout value and routing (NMI or reset) the watchdog can be
enabled. Once enabled, the watchdog must be continuously retriggered or a timeout will occur.
When the watchdog timer is enabled, it cannot be stopped or reprogrammed except by reset-
ting the system. The yellow watchdog LED (W) indicates the enabling status of the watchdog.
Prior to the watchdog being enabled it is off. After enabling it comes on and remains on until a
system reset occurs.
2.4.2
Realtime Clock (STC M41T56)
A separate hardware realtime clock (RTC) is incorporated on the CP321 board which provides
clock information via the I²C bus for application use. An eight byte wide register (refer to chapter
4 for description) is available for accessing, setting, and starting the RTC. The RTC must be
initialized prior to its use whereby settings are possible for seconds, minutes, hours, day, date,
month, year, and calibration information. Continuous clock operation (even with system power
off) is possible through the use of a rechargable Gold Cap, or alternately, lithium battery buff-
ering is possible. Accuracy of the RTC is 35 ppm whereby temperature compensation can be
adjusted in steps of +4.068 or -2.034 ppm per software using the onboard digital temperatur
sensor (LM75).
For calibration purposes the RTC can also generate a 512
Hz test signal which is made available at test jack J2 (figure
1-3 indicates the location of J2 on the board). Please refer
to the datasheet of the ST M41T56 for more information
concerning calibration.
2.4.3
Reset/Abort
On the CP321 front panel there are two push button switches for in-
teracting with the system: RST for reset and AB for abort.
Pressing the RST button initiates an immediate hardware reset of the
system.
During normal operation pressing the AB button causes a non-
maskable interrupt (NMI) to be generated. In addition it is latched into
a bit in the System Logic, the purpose of which is to differentiate be-
tween the NMI initiated from the ABORT Button and the NMI initiated
from the Watchdog Timer.
Pressing the AB button during system startup when the U LED
(green) is blinking causes the bootstrap loader to enter interactive
command mode. Commands can then be entered for processing by
the bootstrap loader. Refer to chapter 5 for Bootstrap Loader infor-
mation.
Figure 2-4: RTC J2 Pinout
1
2
FT GND
FT OUT
Figure 2-5: CP321
Front
Panel
CP 321
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com