Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 21Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 22Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 23Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 24Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 25Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 26Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 27Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 28Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 144 page
background image
CP321
Introduction
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 1 - 7
1.4
Optional Modules
1.4.1
CP320-TR1 Optoisolated RS485
This transition module provides a single, optoisolated RS485 interface for the second serial in-
terface. It connects to CP321 via the CON3 connector and replaces the RS232 (Serial) inter-
face. With this device installed it is only possible to have a 4HP board. See Appendix B for more
details.
1.4.2
CP320-TR2 Optoisolated RS232
This transition module provides a single, optoisolated RS232 interface for the second serial in-
terface. It connects to CP321 via the CON3 connector and replaces the onboard RS232 (Seri-
al) interface. With this device installed it is only possible to have a 4HP board. See Appendix C
for more details.
1.4.3
CP320-IO1
This module is a specially designed PMC carrier board for the CP321 system. The PCI signals
are routed through the CON11 PCI Expansion Connector on the CP321 main board thus elim-
inating the need for a separate CPCI backplane connector. Up to two CP320-IO1 Modules can
be cascaded allowing for two PMC modules to be added to a CP321 system. See Appendix A
for more details.
1.4.4
CP-RIO3-01
Designed for use with a CP321 32-bit rear I/O variant and a backplane with system slot rear
I/O capability, this module provides rear I/O interfacing to the two standard RS232 serial inter-
faces and the Fast Ethernet interface. In this configuration only the rear I/O interface is opera-
tional.
1.4.5
PMC-HDD1
The PMC-HDD1 module in conjunction with the CP320-IO1 module provides a cost-effective
way to add a mass storage device. It is designed for use with one 2.5” IDE hard disk drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com