Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 59Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 60Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 61Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 62Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 63Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 64Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 65Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 66Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
CP321
Configuration
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 4 - 5
4.2
Board Address Map
The following figures illustrate the address mapping of the CP321. Where the first figure de-
scribes the overall map, the second figure provides a more detailed map of the uppermost ad-
dress area. The upper area address map depends on the configuration of the CP321 memory
expansion sockets and the requirements of the application.
Figure 4-1: CP321 Address Map
BANK 0
BANK 0
0xFFFF FFFF
0xFFF0 0100
Reset Entry
J1 IN
J1 OUT
0xFFE0 0000
CP321 UPPER AREA
reserved
0xFF00 0000
PCI Interrupt Ack
0xFEF0 0000
Configuration DATA
0xFEE0 0000
Configuration Adrress
0xFEC0 0000
0xFEC0 0000
0x8000 0000
PCI
0x4000 0000
RESERVED
0x0000 0000
DRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com