Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 33Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 34Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 35Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 36Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 37Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 38Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 39Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 40Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
CP321
Functional Description
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 2 - 5
2.2
Memory
2.2.1
System Memory (SDRAM)
The main memory of the CP321 consists of 32, 64, 128 or 256 MB of SDRAM soldered onto
the board for mechanical stability, provides ECC support with a maximum memory speed of
132 MHz.
2.2.2
Flash
Four or eight megabyte of soldered Flash memory accommodates the bootstrap loader soft-
ware and can be used to store a ROMable operating system and user data. This Flash memory
is 8-bit wide and windowed with window sizes of 512 kB.
2.2.3
EEPROM’s
Two, 64-kbit serial EEPROM’s are provided, organized 8192 x 8. One EEPROM is for system
purposes; the other is for the user. Both EEPROM’s can be write protected. These EEPROM’s
are connected to the I2C bus provided by the MPC8245.
2.2.4
Memory Expansion Sockets (DIL600)
The CP321 provides two, 32-pin DIL sockets on which to place Flash, SRAM, non-volatile
SRAM, or other DIL600 devices on the board. Access to this memory is controlled by the on-
board logic.
The following devices may be added to the CP321 via the 32-pin DIL600 socket:
•
standard EPROM devices;
•
standard Flash memory of up to 512 kB (e.g. the AMD29F010 and AMD29F040);
•
the NV SRAM from Dallas Semiconductor;
These devices are available in the temperature range -40°C to +85°C for the industrial envi-
ronment and guarantee a minimum data retention of 10 years (e.g. DS1250Y-100).
In addition, as an option, socket 2 also comes with 36 pins. This can be done to provide the
possibility of using 1 MB and 2 MB NVSRAM from Dallas Semiconductor (DS1265/70). These
devices can then be accessed in pages of 512 kB.
•
DiskOnChip 2000 Flash memory.
This type of Flash memory from M-Systems comes in versions with two different
height profiles: low profile or high profile. The low profile modules can be used with
all variants of the CP321 with their options. The high profile modules can only be
used in conjunction with the CP320-IO1. If the CP320-TR1/TR2 is also installed
with the CP320-IO1, then only one module can be installed and only on socket 2.
Refer to the current M-Systems data sheets for types available.
To prevent these devices from dislodging from their sockets due to shock or vibration it is pos-
sible to secure them using a wire strap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com