Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 57Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 58Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 59Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 60Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 61Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 62Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 63Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 64Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 144 page
background image
CP321
Configuration
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 4 - 3
4.
Configuration
4.1
Jumper and Resistor Settings
Please see Figures 1-3 and 1-4 in Chapter 1 to view the positions of the jumpers and resistors
on the board.
4.1.1
J1 - Bootstrap Loader / Socket Jumper
The jumper J1 is used to select the memory position from which the CP321 fetches its boot
code. It establishes the address location of the onboard Flash window and the memory expan-
sion socket 1 (DIL600, 32-pin). Refer to the Memory Configuration Register chapter for further
information.
4.1.2
J2 - Realtime Clock (RTC) Calibration Output
J2 is a test point for calibration measurement of the frequency of the RTC and is as such not a
jumper. Refer to the datasheet of the ST M41T56 for further information on the use of this output
signal.
Table 4-1: J1 - Bootstrap Loader / Socket Jumper Settings
J1
DESCRIPTION
ADDRESS ASSIGNMENT
Open
CP321 fetches boot code from
onboard Flash
Socket 1:
Onboard Flash Window:
0xFFF8 0000 - 0xFFFF FFFF
0xFFF0 0000 - 0xFFF7 FFFF
Closed
CP321 fetches boot code from
socket 1
Socket 1:
Onboard Flash Window:
0xFFF0 0000 - 0xFFF7 FFFF
0xFFF8 0000 - 0xFFFF FFFF
Note...
The MPC8245 initially fetches its boot code from address
0xFFF0 0100
Warning!
At NO TIME is J2 to be jumpered (short circuited). This is a test point
and operation with a jumper installed will cause damage to the RTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com