Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 20Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 21Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 22Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 23Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 24Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 25Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 26Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 27Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
Introduction
CP321
Page 1 - 6
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
Board-Specific Information
The CP321 is a CPCI PowerPC-based single-board computer specifically designed for use in
highly integrated platforms with solid mechanical interfacing for a wide range of industrial and
transportation environment applications.
Some of the CP321’s outstanding features are:
•
330 MHz PowerPC MPC8245 Kahlua II (603E core with an integrated FPU,
combined with PCI interface and memory controller)
•
33 MHz CPCI bus (32-bit internal, 64-bit external)
(32-bit Rear I/O version on request)
•
16 kB data cache
•
16 kB instruction cache
•
up to 256 MB SDRAM (132MHz) with optional ECC support
•
up to 8 MB onboard Flash
•
one EEPROM for the system and one user EEPROM (8192 x 8)
•
on-board interfaces:
•
Fast Ethernet interface
•
two RS232 serial I/O’s, or one RS232 plus one RS485 opto-isolated (ESD protected
and EMI compliant)
•
memory expansion sockets for Flash memory, M-Systems’ DiskOnChip, NVSRAM, or
EPROM
•
onboard PCI bus with expansion connector
•
four counter/timers
•
programmable watchdog timer
•
real-time clock
•
coding switch
•
temperature sensing
•
front panel LED status indicators
•
debug interface, JTAG/COP
•
double and triple-width versions via PMC carriers
•
compliance with CPCI Specification PICMG 2.0 R 3.0
•
operating system: VxWorks, Linux etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com