Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 27Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 28Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 29Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 30Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 31Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 32Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 33Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 34Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
CP321
Introduction
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 1 - 13
Mechanical Conform-
ance
Conforms with IEEE 1101.10
PowerConsumption
3.5V, 1.1 Amp
3.3V, 0.84 Amp
Temperature Range
0°Cto+70°CStandard
-25°Cto+75°CE1
-40°Cto+85°CE2
Humidity
0% to 95% non-condensing
Dimensions
100 mm x 160 mm, single-height Eurocard
Board Weight
CP321:233grams
CP302-IO1:90grams
CP320-TR-1:15grams
CP320-TR-2:15grams
Operating System Sup-
port
Initial boot loader with capability to load VxWorks operating system andLinux
CP320-TR1
Transition module providing RS485 optoisolated serial interface
(Replaces standard RS232 (SER 0) interface)
CP320-TR2
Transition module providing RS232 optoisolated serial interface
(Replaces onboard RS232 (SER 0) interface)
CP320-IO1
Cascadable PMC carrier board for one PMC module
PMC-HDD1
IDE hard drive module (in conjunction with CP320-IO1)
Other
Via PCI expansion connector other cascadable I/O boards possible
Table 1-2: CP321 Main Specifications (Continued)
CP321
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com