Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 46Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 47Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 48Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 49Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 50Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 51Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 52Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 53Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 144 page
background image
Functional Description
CP321
Page 2 - 18
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
2.4.7
DEBUG Interface and Pinout
A JTAG/COP interface is provided on the CP321 for the manufacturer’s use (logic program-
ming, JTAG test) or for software debugging. All the JTAG capable devices on the CP321 can
be accessed through the onboard JTAG chain. If EMULATOR access to the MPC8245 is re-
quired it must be ensured that R260 and R188 are set and also that R163 and R250 are re-
moved (all resistors are 0 ohm). When using this interface with emulator probes please use the
signals on pins: 7, 8, 11, 12, 13, 15, 17, and 19. These are the standard signals defined by Mo-
torola for the MPC8245 JTAG/COP port. All other signals are used for factory purposes.
The following figure illustrates the layout of the JTAG chain.
Note...
As shipped, only the Altera onboard logic can be detected by means of
the JTAG interface. If the JTAG interface requires to be reconfigured
for software debugging, please contact Support at Kontron Modular
Computers for assistance.
MPC8240
Altera
Logic
21154
R260
TDI1
TDI
TDX3
TDI
TDI
TDI
TDO
TDO
TDO
R185
TDO
TDX1
TDI2
R250
R182
3.3V
R188
R249
10k
R163
R198
R189
TDX2
TDX4
Resistor installed
Resistor not installed
Default setting:
Figure 2-6: JTAG Chain Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com