Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 95Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 96Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 97Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 98Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 99Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 100Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 101Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 102Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 144 page
background image
CP321
NetBootLoader
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 5 - 19
LF
FUNCTION:
Load Flash
SYNTAX:
lf [-o[=]<offset> [-k]]
… [-m[=]<adr> -l[=]<len>]
where:
lf
command
-o
option: offset
<offset>
parameter: value: hexadecimal
program to FLASH offset of ...
-k
option: keep
retain surrounding contents
-m
option: memory (address)
<adr>
parameter: value: hexadecimal
absolute address of image to be programmed
-l
option: length
<len>
parameter: value: hexadecimal
length of image to be programmed
DESCRIPTION:
Without parameters, the FLASH is programmed using the contents of
the data buffer. If no image is available in the data buffer, the FLASH
programming is terminated.
If no offset option (“-o”) is specified the image is considered to be
valid and is therefore added along with CRC and length information.
If the CRC is determined to be valid during the next startup, the
image is copied to the absolute address 0x0 and started at 0x100
after the boot wait time has been exceeded.
Normally, the local data buffer holds the image to be programmed.
However, if the “-m” and “-l” parameters are specified, the image is
programmed from the absolute address specified.
If “<offset>” is specified, the contents are programmed exactly at this
offset in FLASH. No length and no CRC information is added.
The “-k” option can be specified to prevent deletion of the
surrounding FLASH contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com