Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 88Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 89Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 90Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 91Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 92Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 93Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 94Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 95Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
NetBootLoader
CP321
Page 5 - 12
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
5.6
Porting an Operating System to the CPU Board
The image for the absolute address 0x0 should be linked with an entry point at the absolute
address 0x100.
One should not attempt to reassign the PCI BAR registers. The assigned values should be read
back and these should always be used in the drivers.
The “interrupt line” field in the PCI configuration header is initialized with the IRQ line number
to which the INTA of the device is routed.
It is not necessary to rewrite the “EUMBBAR” field in the KAHLUA (MPC 8240) configuration
space as this has already been done by the NetBootLoader. The existing value should be used.
Downloaded images are never executed from the FLASH due to the fact that on the CPU board
it is paged. The programmed image is always downloaded to SDRAM, the absolute address
0x0 being downloaded first. There is no configuration option available to amend this process.
If it is necessary to relocate the image to another address after download, simply add a small
assembly routine at the beginning of the code which will move the image to the correct address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com