Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 65Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 66Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 67Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 68Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 69Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 70Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 71Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 72Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 144 page
background image
CP321
Configuration
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 4 - 11
4.3.6
Watchdog Control Register
The Watchdog Control register is the interface between applications and the operating system
for controlling the functioning of the Watchdog. Together with the Event Register, bit 0 (WD)
and bit 2 (PB2), the possibility is provided for either hardware (Abort switch) or software
(Watchdog timer) intervention in the execution of the application.
Table 4-9: Watchdog Control Register
REGISTER NAME
WATCHDOG CONTROL
ACCESS
ADDRESS
0xFFE0 0018
R
W
BIT POSITION
7
6
5
4
3
2
1
0
CONTENT
WD_EN
WD_R
res.
WD_TRG
res.
res.
WDT1
WDT0
DEFAULT
0
0
n/a
0
n/a
n/a
n/a
n/a
BIT
NAME
VAL
DESCRIPTION
0WDT0
0
Settings: WDT1 WDT0
0
0
0.5 seconds Watchdog timeout time
0
1
1.0 seconds Watchdog timeout time
1
0
1.5 seconds Watchdog timeout time
1
1
2.0 seconds Watchdog timeout time
1
1WDT1
0
1
2
0
reserved
1
3
0
reserved
1
4
WD_TRG
0
When WD-EN (bit 7) set to 1, indicates that Watchdog timer has not been retrig-
gered.
1
Causes the Watchdog to be retriggered
(Resets Watchdog timer to value indicated by bits 0 and 1, and WD_TRG (bit 4)
to 0)
5
WD_CCD
0
Normal watchdog functionality
1
Cascade mode: when watchdog timout occurs, an NMI will be generated, the
watchdog timer resets, a further timeout will result in a system reset (when
WD_R is first set to 1)
6WD_R
0
Causes hardware reset of system upon Watchdog timeout
1
Causes generation of a non-maskable interrupt upon Watchdog timeout
7WD_EN
0
Watchdog timer disabled
1
Watchdog timer enabled
Note...
Once the Watchdog timer is enabled it
cannot be disable except by resetting the
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com