Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 67Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 68Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 69Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 70Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 71Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 72Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 73Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 74Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
CP321
Configuration
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 4 - 13
4.3.8
Control Register
The Control register provides access to the front panel general purpose LED’s (LED1R and
LED1G), allows for the generation of a software reset of the system, and is used to control the
configuration of the SER 0 (UART B) either for RS232 or RS485 operation.
Table 4-11:Control Register
REGISTER NAME
CONTROL
ACCESS
ADDRESS
0xFFE0 001A
R
W
BIT POSITION
7
6
5
4
3
2
1
0
CONTENT
RS_CTL
res.
res.
S_RST
res.
res.
LED1R
LED1G
DEFAULT
n/a
n/a
n/a
n/a
n/a
n/a
0
0
BIT
NAME
VAL
DESCRIPTION
0LED1G
0
LED1G (green) off
1
LED1G (green) on
1LED1R
0
LED1R (red) off
1
LED1R (red) on
2
0
reserved
1
3
0
reserved
1
4S_RST
0
no operation
1
Causes a software reset (S_RST) to be initiated
5
0
reserved
1
6
0
reserved
1
7RS_CTL
0
Indicates that the serial interface, SER 0 (UART B), is to be configured for
RS232 operation
1
Indicates that the serial interface, SER 0 (UART B), is to be configured for
RS485 operation
Warning!
When setting bit 7 care must be taken to
ensure that the installed interface corre-
sponds to the bit setting. A mismatch
may cause damage to the CP321 or the
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com