Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 58Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 59Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 60Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 61Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 62Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 63Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 64Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 65Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
Configuration
CP321
Page 4 - 4
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
4.1.3
Resistor Settings for Non-standard Socket Devices
The default pinouts of sockets 1 and 2 are designed for use with standard DIL Flashes and M-
Systems DiskOnChip. However, in order to accommodate the various possible devices it is
necessary to install resistors as jumpers to configure the board for proper operation.
Table 4-2: Resistor Settings for Socket 1
USED SOCKET DEVICE
R42
R40
R63
R57
R38
R68
R69
Flash / DiskOnChip (default)
Open
Open
Open
Set
Set
Open
Set
NVSRAM
Open
Open
Set
Open
Set
Set
Open
4 Mbit EPROM
Set
Set
Open
Open
Open
Open
Set
Table 4-3: Resistor Settings for Socket 2
USED SOCKET DEVICE
R26
R28
R25
R22
R24
R27
R29
Flash / DiskOnChip (default)
Open
Open
Open
Set
Set
Open
Set
NVSRAM
Open
Open
Set
Open
Set
Set
Open
4 Mbit EPROM
Set
Set
Open
Open
Open
Open
Set
Note...
All resistors are 0 ohm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com