Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 92Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 93Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 94Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 95Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 96Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 97Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 98Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 99Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 144 page
background image
NetBootLoader
CP321
Page 5 - 16
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
CLONE
FUNCTION:
Program the NetBootLoader to FLASH
SYNTAX:
clone [-n]
where:
clone
command
-n
option:
program from data buffer
DESCRIPTION:
To update the NetBootLoader itself, the command “clone” is used.
The application image source for programming is the data buffer. The
image must first be downloaded to the data buffer from an ftp server.
To program from the data buffer, the command “clone -n” is used.
The new image is checked for validity. If an image is invalid, the
update is aborted. Additionally, the operation must be confirmed by
typing the word “yes”. Any other or no input will cancel the operation.
USAGE:
Program NetBootLoader (normal operation)
COMMAND / RESPONSE:
NetBtLd> clone -n
clone: Fixup FLASH info from ftp buffer
This will overwrite the current ...
NetBootLoader, are you sure? [no] yes
clone: System transferred; Start again, ...
assure that Bootjumper is removed.
NetBtLd>
Note: When responding to the overwrite query, “yes” must be spelled
out. Any other response will terminate the cloning operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com