Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 71Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 72Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 73Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 74Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 75Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 76Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 77Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 78Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
CP321
Configuration
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 4 - 17
4.4.2
UART B
The following table indicate the address mapping of the UART B. For a more detailed descrip-
tion please refer to the EXAR XR16C2850 DUART manual.
Table 4-18:UART B General Register Set
READ MODE
WRITE MODE
ADDRESS
Receive Holding Register
Transmit Holding Register
0xFFE0 0008
n/a
Interrupt Enable Register
0xFFE0 0009
Interrupt Status Register
FIFO Control Register
0xFFE0 000A
n/a
Line Control Register
0xFFE0 000B
n/a
Modem Control Register
0xFFE0 000C
Line Status Register
n/a
0xFFE0 000D
Modem Status Register
n/a
0xFFE0 000E
Scratchpad Register
Scratchpad Register
0xFFE0 000F
Table 4-19:UART B Baud Rate Register Set
READ MODE
WRITE MODE
ADDRESS
LSB of divisor latch
LSB of divisor latch
0xFFE0 0008
MSB of divisor latch
MSB of divisor latch
0xFFE0 0009
Table 4-20:UART B Enhanced Register Set
READ MODE
WRITE MODE
ADDRESS
Trigger Level Register
Trigger Level Register
0xFFE0 0008
Feature Control Register
Feature Control Register
0xFFE0 0009
Enhanced Feature Register
Enhanced Feature Register
0xFFE0 000A
Enhanced Mode Select Register
Enhanced Mode Select Register
0xFFE0 000B
Xon-1
Xon-1
0xFFE0 000C
Xon-2
Xon-2
0xFFE0 000D
Xoff-1
Xoff-1
0xFFE0 000E
Xoff-2
Xoff-2
0xFFE0 000F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com