Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 39Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 40Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 41Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 42Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 43Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 44Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 45Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 46Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
CP321
Functional Description
ID 24977, Rev. 02
© 2003 Kontron Modular Computers GmbH
Page 2 - 11
2.3.3
Serial Interfaces and Pinouts
Two serial ports: TERM (UART A) and SER 0 (UART B) are provided by means of 8-pin RJ45
connectors.
The two serial interfaces are 16C550 compliant and have 128-byte transmit and receive buff-
ers. The TERM port is used to interface with the bootstrap loader, the operating system, and
the application as required. The SER 0 port is used for data transfers as called for by the op-
erating system or the application.
In the case that SER 0, the upper serial interface, is configured as RS232, the two serial ports
are identical and they provide a complete set of handshaking and modem control signals,
maskable interrupt generation and data transfer of up to 115.2 KBaud.
A separate transition module, the CP320-TR1, is also available from Kontron which provides
an optoisolated half/full duplex RS485 interface. When installed, this module replaces the stan-
dard onboard SER 0 interface along with its associated RJ45 connector. See Figure 1-2 and
Appendix B for more details of this module.
Table 2-5: Serial Port Pinout
PIN
RS-232
SIGNALS
RS-485 SIGNALS
HALF-
DUPLEX
FULL-
DUPLEX
1DSR
N/C
-RxD
2RTS
N/C
N/C
3
GND
GND
GND
4TXD
+TRXD
-TxD
5RXD
N/C
N/C
6
DCD
N/C
+RxD
7CTS
-TRXD
+TxD
8DTR
N/C
N/C
Figure 2-2: RS-232
Serial
Connector
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com