Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 22Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 23Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 24Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 25Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 26Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 27Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 28Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 29Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
Introduction
CP321
Page 1 - 8
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
1.5
System Relevant Information
The following system relevant information is general in nature but should still be considered
when developing applications using the CP321.
Table 1-1: System Relevant Information
SUBJECT
INFORMATION
System Configuration
A CP321-based system is made up of at least one system controller (the CP321)
and up to 7 other I/O boards can be located within one system.
Master/Slave
Functionality
The CP321 can operate only as a system controller.
Board Location in the
System
The CP321 board must be installed in the system controller slot of a CPCI back-
plane.
Hot-Swap Compatibility
The CP321 supports all necessary signals to allow other peripheral boards to be
removed or added with power on. The individual clocks for each slot and access
to or interrupt on the backplane ENUM# signal are compliant to the PICMG 2.1
Hot-Swap specification.
Hardware Requirements
The CP321 can be installed in any CompactPCI 3U or 6U rack.
Operating Systems
The CP321 can operate under the following operating systems:
VxWorks®
Linux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com