Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 64Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 65Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 66Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 67Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 68Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 69Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 70Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 71Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
Configuration
CP321
Page 4 - 10
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
4.3.4
Flash Bank Select Register
The Flash bank select register is used to select the appropriate soldered Flash bank. As 8-bit
wide Flash memory may only be accessed through a 512 kB window this is the only way to
address a larger size Flash memory. Using bits 0 to 3 (FBn), 16 Flash banks can be selected
(16x512 kB = 8 MB). The default value on startup of the CP321 is 0x00.
4.3.5
SRAM Bank Select Register
This register is for usage in conjunction with the memory expansion socket 2 and NVSRAM
Types DS1265Y or DS1270Y. Due to the fact that there is only a page size of 512 kB available
for the memory expansion socket 2, the additional address lines are provided by writing to the
bits 0 and 1 (SBn) of the register:
•
a 1 in bit 0 (SB0) provides address A19 for the NVSRAM,
•
a 1 in bit 1 (SB1) provides address A20 for the NVSRAM.
Table 4-7: Flash Bank Select Register
REGISTER NAME
FLASH BANK SELECT
ACCESS
ADDRESS
0xFFE0 0016
R
W
BIT POSITION
7
6
5
4
3
2
1
0
CONTENT
res.
res.
res.
res.
FB3
FB2
FB1
FB0
DEFAULT
n/a
n/a
n/a
n/a
0
0
0
0
Table 4-8: SRAM Bank Select Register
REGISTER NAME
SRAM BANK SELECT
ACCESS
ADDRESS
0xFFE0 0017
R
W
BIT POSITION
7
6
5
4
3
2
1
0
CONTENT
res.
res.
res.
res.
res.
res.
SB1
SB0
DEFAULT
n/a
n/a
n/a
n/a
n/a
n/a
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com