Electronic Components Datasheet Search
  English  ▼

X  

CP321 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # CP321
Description  Power PC-based CPU Board for CompactPCI Applications
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP321 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button CP321 Datasheet HTML 80Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 81Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 82Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 83Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 84Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 85Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 86Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 87Page - List of Unclassifed Manufacturers CP321 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
NetBootLoader
CP321
Page 5 - 4
© 2003 Kontron Modular Computers GmbH
ID 24977, Rev. 02
5.2.1
MC1 (Abort) Signal
The MC1 (Abort) signal is routed to the CP321 carrier board via the System Interface (CON1
connector) and, if made available on the carrier, provides the operator with the ability to directly
terminate the boot operation during the boot wait time which is indicated by the alternately as-
serted MC6 (LED1) signal. This is the sole purpose of the MC1 (Abort) signal during the Net-
BootLoader operation.
5.2.2
TERM Serial Interface
The TERM serial port, if realized on the carrier board, is used to provide direct operator inter-
facing to the NetBootLoader. As soon as the CPU board has been initialized this port is acti-
vated and the operator may input commands. During the boot wait time the operator may
terminate the boot operation and take control of the NetBootLoader. Once the boot wait time is
exceeded the command interpreter is deactivated and the operator no longer has access to the
NetBootLoader.
The TERM serial interface may either be directly connected to a terminal device or may inter-
face with a terminal emulator.
5.2.3
SER0 Serial Interface
The SER0 serial port is used to provide the NetBootLoader with the ability to access Motorola
S-Records for programming an application to FLASH. No command interpreter is available for
this interface.
5.2.4
Ethernet Interface
The Ethernet interface provides the capability of remotely interfacing with the NetBootLoader.
Prior to using this interface it is necessary to configure the NetBootLoader network settings.
This is accomplished via the TERM interface. Once the network settings have been made, the
remote operator has the same capabilities as with the TERM interface. During the boot wait
time the operator gains control of the NetBootLoader by logging into it via the Ethernet inter-
face. This causes the boot operation to be terminated and gives control to the remote operator.
The Ethernet interface uses the telnet protocol for operator interfacing with the NetBootLoader.
In addition to the operator interface via Ethernet, the NetBootLoader also uses the Ethernet in-
terface for ftp server access.
5.3
NetBootLoader Functions
In addition to initializing the CPU board for operation and the loading and starting of applica-
tions, the NetBootLoader provides the following operator monitor and control functions:
•
NetBootLoader control
•
system status monitoring
•
ftp server access
•
FLASH reading and programming operations
•
Motorola S-Record acquisition
These functions are described in detail in the following chapters.
NOTE ...
The command title (CMD TITLE) is expressed in capital letters and is not the
same as the syntax of the command. The command syntax is always written
using small letters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com