Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 9Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 10Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 11Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 12Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 13Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 14Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 15Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 16Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Ambient Te mperature (C)
-55
-35
-15
5
25
45
65
85
105
125
0
1
2
3
4
5
6
7
8
9
10
V+ = 1.7V
V+ = 2.7V
V+ = 3.6V
Figure 6-14. Shutdown Current vs Temperature
Te mperature (C)
-55
-35
-15
5
25
45
65
85
105
125
150
200
250
300
350
400
450
Local
Remote
Figure 6-15. Active Current vs Temperature (Local
and Remote)
Ambient Te mperature (C)
-55
-35
-15
5
25
45
65
85
105
125
0
5
10
15
20
25
30
35
40
Local
Local + Remote
Figure 6-16. Conversion Time vs Temperature
(Local and Local + Remote)
Data Distribution (LSB)
0
20
40
60
80
100
120
140
-2
-1
0
1
2
Figure 6-17. Remote Temperature Noise Data
Distribution (300 Samples)
Time (s)
-1 0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
0
25
50
75
100
125
Local
Remote
Local: soldered devices on 62mil 2-layer FR4 PCB
Remote: characterized with 2N3906 PNP Transistor
Figure 6-18. Temperature Thermal Response (Stirred Liquid)
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com