Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 18Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 19Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 20Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 21Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 22Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 23Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 24Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 25Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Frame 1 Two Wire Device Address Byte
Frame 2 Pointer Register Byte
Host
Device
Device
9
SCL
1
9
1
1
Start By
ACK By
ACK By
SDA
0
0
1
1
0
0
P6
P7
P5
P4
P3
P2
P1
P0
(1)
W
/
R
Frame 3 Two Wire Device Address Byte
Frame 4 Data Byte 1 Read Register
Host
Device
Host
9
SCL
1
9
1
1
Start By
ACK By
NACK By
SDA
0
0
1
1
0
0
D6
D7
D5
D4
D3
D2
D1
D0
(1)
W
/
R
(Continued)
(Continued)
(2)
From
Device
A.
Target address 1001100 is shown.
B.
The controller must leave SDA high to terminate a single-byte read operation.
Figure 7-9. Two-Wire Timing Diagram for Single-Byte Read Format
7.5.1.3 Serial Bus Address
To communicate with the TMP9R01-SEP and TMP9R01-SP devices, the controller must first address target
devices using a target address byte. The target address byte consists of seven address bits and a direction bit
indicating the intent of executing a read or write operation. The TMP9R01-SEP and TMP9R01-SP devices allow
up to nine devices to be connected to the SMBus, depending on the A0, A1 pin connections as described in
Table 7-5. The A0 and A1 address pins must be isolated from noisy or high-frequency signals traces to avoid
false address settings when these pins are set to a float state.
Table 7-5. TMP9R01-SEP and TMP9R01-SP Target Address Options
A1 CONNECTION
A0 CONNECTION
TARGET ADDRESS
BINARY
HEX
GND
GND
1001 000
48
GND
Float
1001 001
49
GND
V+
1001 010
4A
Float
GND
1001 011
4B
Float
Float
1001 100
4C
Float
V+
1001 101
4D
V+
GND
1001 110
4E
V+
Float
1001 111
4F
V+
V+
1010 000
50
7.5.1.4 Read and Write Operations
Accessing a particular register on the TMP9R01-SEP and TMP9R01-SP devices are accomplished by writing
the appropriate value to the pointer register. The value for the pointer register is the first byte transferred after the
target address byte with the R/W bit low. Every write operation to the TMP9R01-SEP and TMP9R01-SP devices
require a value for the pointer register (see Figure 7-8).
When reading from the TMP9R01-SEP and TMP9R01-SP devices, the last value stored in the pointer register
by a write operation is used to determine which register is read by a read operation. To change which register is
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com