Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 33Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 34Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 35Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 36Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
TERR= 1.004−1.008
1.008 ×(273.15+100∘C)TERR= −1.48∘C
(5)
If a discrete transistor is used as the remote temperature sensor with the TMP9R01-SEP and TMP9R01-SP
devices, the best accuracy can be achieved by selecting the transistor according to the following criteria:
1. Base-emitter voltage is > 0.25V at 7.5μA, at the highest-sensed temperature.
2. Base-emitter voltage is < 0.95V at 120μA, at the lowest-sensed temperature.
3. Base resistance is < 100Ω.
4. Tight control of VBE characteristics indicated by small variations in hFE (that is, 50 to 150).
Based on this criteria, two recommended small-signal transistors are the 2N3904 (NPN) or 2N3906 (PNP).
9.2.2 Detailed Design Procedure
The local temperature sensor inside the TMP9R01-SEP and TMP9R01-SP devices monitor the ambient air
around the device. The thermal time constant for the device is approximately 1.1 seconds. This constant implies
that if the ambient air changes quickly by 100°C, then the device takes approximately 5.5 seconds (that is, five
thermal time constants) to settle to within 1°C of the final value. In most applications, the TMP9R01-SEP and
TMP9R01-SP package is in electrical, and therefore thermal, contact with the printed circuit board (PCB), as well
as subjected to forced airflow. The accuracy of the measured temperature directly depends on how accurately
the PCB and forced airflow temperatures represent the temperature that the device is measuring. Additionally,
the internal power dissipation of the device can cause the temperature to rise above the ambient or PCB
temperature. The internal power dissipated as a result of exciting the remote temperature sensor is negligible
because of the small currents used. Equation 6 can be used to calculate the average conversion current for
power dissipation and self-heating based on the number of conversions per second and the temperature sensor
channel enabled. Typical Application shows an example with local and remote sensor channels enabled and
16 conversions per second; see the Section 6.5 table for typical values required for these calculations. For a
3.3V supply and a conversion rate of 16 conversions per second, the TMP9R01-SEP and TMP9R01-SP devices
dissipates 0.531mW (PDIQ = 3.3V × 161μA) when both the remote and local channels are enabled.
u
u
u
u
u
Q
Q
Q
Average Conversion Current
Local ADC Conversion Time
Conversions per Second
Local Active I
Remote ADC Conversion Time
Conversions per Second
Remote Active I
Standby Mode I
1
Local ADC Conversion Ti
ª
º
u
¬
¼
me
Remote ADC Conversion Time
Conversions per Second
(6)
Average Conversion Current=(15ms) 16s ×(240μA)
(7)
+(15ms)× 16s(400μA)
(8)
+(15μA)× 1−(15ms+15ms)× 16s
(9)
=161μA
(10)
The temperature measurement accuracy of the device depends on the remote and local temperature sensor
being at the same temperature as the system point being monitored. If the temperature sensor is not in good
thermal contact with the part of the system being monitored, then there is a delay between the sensor response
and the system changing temperature. This delay is typically not a concern for remote temperature-sensing
applications that use a substrate transistor (or a small, SOT23 transistor) placed close to the device being
monitored.
9.2.3 Application Curve
Figure 9-3 shows the step response of the TMP9R01-SEP and TMP9R01-SP devices to a submersion in an
oil bath of 100°C from room temperature (25°C). The time-constant, or the time for the output to reach 63% of
the input step, is around 1.1s for local sensors and 0.6s for the remote diode sensor. The time-constant result
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com