Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 24Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 25Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 26Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 27Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 28Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Table 8-3. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (Read = 03h, Write = 09h, POR = 00h)
BIT NUMBER
NAME
FUNCTION
POWER-ON RESET VALUE
7
MASK1
0 = ALERT enabled
1 = ALERT masked
0
6
SD
0 = Run
1 = Shut down
0
5
ALERT/ THERM2
0 = ALERT
1 = THERM2
0
4:3
Reserved
—
0
2
RANGE
0 = –40°C to +127°C
1 = –64°C to +191°C
0
1:0
Reserved
—
0
MASK1 (bit 7) of the configuration register masks the ALERT output. If MASK1 is 0 (default), the ALERT output
is enabled. If MASK1 is set to 1, the ALERT output is disabled. This configuration applies only if the value of
ALERT/ THERM2 (bit 5) is 0 (that is, pin 10 is configured as the ALERT output). If pin 10 is configured as the
THERM2 output, the value of the MASK1 bit has no effect.
The shutdown bit (SD, bit 6) enables or disables the temperature-measurement circuitry. If SD = 0 (default), the
TMP9R01-SEP and TMP9R01-SP devices convert continuously at the rate set in the conversion rate register.
When SD is set to 1, the device stops converting when the current conversion sequence is complete and enters
a shutdown mode. When SD is set to 0 again, the device resumes continuous conversions. When SD = 1, a
single conversion can be started by writing to the one-shot start register; see the One-Shot Start Register section
for more information.
ALERT/ THERM2 (bit 5) sets the configuration of pin 10. If the ALERT/ THERM2 bit is 0 (default), then pin 10 is
configured as the ALERT output; if this bit is set to 1, then pin 10 is configured as the THERM2 output.
The temperature range is set by configuring RANGE (bit 2) of the configuration register. Setting this bit low
(default) configures the TMP9R01-SEP and TMP9R01-SP devices for the standard measurement range (–40°C
to +127°C); temperature conversions are stored in the standard binary format. Setting bit 2 high configures
the device for the extended measurement range (–64°C to +191°C); temperature conversions are stored in the
extended binary format (see Table 7-1). The remaining bits of the configuration register are reserved and must
always be set to 0. The power-on reset value for this register is 00h.
8.1.5 Conversion Rate Register
The conversion rate register (read address 04h, write address 0Ah) controls the rate at which temperature
conversions are performed. This register adjusts the idle time between conversions but not the conversion time,
thereby allowing the device power dissipation to be balanced with the temperature register update rate. Table
8-4 lists the conversion rate options and corresponding time between conversions. The default value of the
register is 08h, which gives a default rate of 16 conversions per second.
Table 8-4. Conversion Rate
VALUE
CONVERSIONS PER SECOND
TIME (Seconds)
00h
0.0625
16
01h
0.125
8
02h
0.25
4
03h
0.5
2
04h
1
1
05h
2
0.5
06h
4
0.25
07h
8
0.125
08h
16 (default)
0.0625 (default)
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com