Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 23 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 19Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 20Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 21Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 22Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 23Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 24Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 25Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 26Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
read for a read operation, a new value must be written to the pointer register. This transaction is accomplished
by issuing a target address byte with the R/W bit low, followed by the pointer register byte; no additional data are
required. The controller can then generate a start condition and send the target address byte with the R/W bit
high to initiate the read command; see Figure 7-9 for details of this sequence.
If repeated reads from the same register are desired, continually sending the pointer register bytes is not
necessary because the TMP9R01-SEP and TMP9R01-SP devices retain the pointer register value until
the value is changed by the next write operation. The register bytes are sent MSB first, followed by the
LSB. However, to mitigate the effects of single-event upsets and single-event functional interrupts, write the
appropriate value to the pointer register each time a read operation is performed. Relying on the last value
stored in the pointer register can increase the probability of a failed read due to a single event upset.
Note
During the exposure time, all I2C registers can be continuously read. However, resetting TMP9R01-
SEP and TMP9R01-SP devices before every read is recommended. Without resetting the device,
there is a chance the TMP9R01-SEP and TMP9R01-SP devices perform not as accurately as
expected.
Terminate read operations by issuing a not-acknowledge command at the end of the last byte to be read. For a
single-byte operation, the controller must leave the SDA line high during the acknowledge time of the first byte
that is read from the target.
7.5.1.5 Timeout Function
The TMP9R01-SEP and TMP9R01-SP devices reset the serial interface if either SCL or SDA is held low for
25ms (typical) between a start and stop condition. If the TMP9R01-SEP and TMP9R01-SP devices are holding
the bus low, the devices release the bus and waits for a start condition. To avoid activating the timeout function,
maintaining a communication speed of at least 1kHz for the SCL operating frequency is necessary.
7.5.1.6 High-Speed Mode
For the two-wire bus to operate at frequencies above 1MHz, the controller device must issue a high-speed mode
(HS-mode) controller code (0000 1xxx) as the first byte after a start condition to switch the bus to high-speed
operation. The TMP9R01-SEP and TMP9R01-SP devices do not acknowledge this byte, but switch the input
filters on SDA and SCL and the output filter on SDA to operate in HS-mode, thus allowing transfers at up to
2.17MHz. After the HS-mode controller code is issued, the controller transmits a two-wire target address to
initiate a data transfer operation. The bus continues to operate in HS-mode until a stop condition occurs on
the bus. Upon receiving the stop condition, the TMP9R01-SEP and TMP9R01-SP devices switch the input and
output filters back to fast mode operation.
7.5.2 General-Call Reset
The TMP9R01-SEP and TMP9R01-SP devices support reset using the two-wire general-call address 00h (0000
0000b). The device acknowledges the general-call address and responds to the second byte. If the second
byte is 06h (0000 0110b), the device executes a software reset as shown in Figure 7-10. This software reset
restores the power-on reset state to all registers and aborts any conversion in progress. The TMP9R01-SEP and
TMP9R01-SP devices take no action in response to other values in the second byte.
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com