Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 19 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 15Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 16Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 17Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 18Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 19Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 20Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 21Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 22Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
differential and 1nF. Some applications attain better overall accuracy with additional series resistance. However,
this increased accuracy is application-specific. When series resistance is added, the total value must not be
greater than 1kΩ. If filtering is required, suggested component values are 100pF differential and 50Ω on each
input; exact values are application-specific.
Additionally, a digital filter is available for the remote temperature measurements to further reduce the effect
of noise. This filter is programmable and has two levels when enabled. Level 1 performs a moving average
of four consecutive samples. Level 1 filtering can be achieved by setting the digital filter control register (read
address 24h, write address 24h) to 01h. Level 2 performs a moving average of eight consecutive samples. Level
2 filtering can be achieved by setting the digital filter control register (read address 24h, write address 24h) to
02h. The value stored in the remote temperature result register is the output of the digital filter, and is the value
that the ALERT and THERM limits are compared to. The digital filter provides additional immunity to noise and
spikes on the ALERT and THERM outputs. The filter responses to impulse and step inputs are shown in Figure
7-4 and Figure 7-5, respectively. The filter can be enabled or disabled by programming the desired levels in the
digital filter register; see Table 8-1. The digital filter is disabled by default and on POR.
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level 2
Figure 7-4. Filter Response to Impulse Inputs
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level 1
Level 2
Figure 7-5. Filter Response to Step Inputs
7.3.6 Sensor Fault
The TMP9R01-SEP and TMP9R01-SP devices can sense a fault at the D+ input resulting from an incorrect
diode connection. The TMP9R01-SEP and TMP9R01-SP devices can also sense an open circuit. Short-circuit
conditions return a value of –64°C. The detection circuitry consists of a voltage comparator that trips when the
voltage at D+ exceeds (V+) – 0.3V (typical). The comparator output is continuously checked during a conversion.
If a fault is detected, then OPEN (bit 2) in the status register is set to 1.
When not using the remote sensor with the TMP9R01-SEP and TMP9R01-SP devices, D+ must be connected
to D– or GND to prevent meaningless fault warnings.
7.3.7 ALERT and THERM Functions
Operation of the ALERT (pin 10) and THERM (pin 7) interrupts is shown in Figure 7-6. Operation of the
THERM (pin 7) and THERM2 (pin 10) interrupts is shown in Figure 7-7. The ALERT and THERM pin setting is
determined by bit 5 of the configuration register.
The hysteresis value is stored in the THERM hysteresis register and applies to both the THERM and THERM2
interrupts. The value of the CONAL[2:0] bits in the consecutive ALERT register (see Table 8-1) determines
the number of limit violations before the ALERT pin is tripped. The default value is 000b and corresponds to
one violation, 001b programs two consecutive violations, 011b programs three consecutive violations, and 111b
programs four consecutive violations. The CONAL[2:0] bits provide additional filtering for the ALERT pin state.
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com