Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 25Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 26Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 27Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 28Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Table 8-4. Conversion Rate (continued)
VALUE
CONVERSIONS PER SECOND
TIME (Seconds)
09h
32
0.03125
8.1.6 One-Shot Start Register
When the TMP9R01-SEP and TMP9R01-SP devices are in shutdown mode (SD = 1 in the configuration
register), a single conversion is started by writing any value to the one-shot start register, pointer address 0Fh.
This write operation starts one conversion and comparison cycle on either both the local and remote sensors
or on only one or the other sensor, depending on the LEN and REN values configured in the channel enable
register (read address 16h, write address 16h). The device returns to shutdown mode when the cycle completes.
The value of the data sent in the write command is irrelevant and is not stored by the device.
8.1.7 Channel Enable Register
The channel enable register (read address 16h, write address 16h) enables or disables the temperature
conversion of remote and local temperature sensors. LEN (bit 0) of the channel enable register enables/disables
the conversion of local temperature. REN (bit 1) of the channel enable register enables/disables the conversion
of remote temperature. Both LEN and REN are set to 1 (default), which enables the ADC to convert both local
and remote temperatures. If LEN is set to 0, the local temperature conversion is disabled, and similarly, if REN is
set to 0, the remote temperature conversion is disabled.
Both local and remote temperatures are converted by the internal ADC as a default mode. The Channel Enable
register can be configured to achieve power savings by reducing the total ADC conversion time to half for
applications that do not require both remote and local temperature information.
8.1.8 Consecutive ALERT Register
The Consecutive ALERT register (read address 22h, write address 22h) controls the number of out-of-limit
temperature measurements required for ALERT to be asserted. Table 8-5 summarizes the values of the
consecutive ALERT register. The number programmed in the consecutive ALERT applies to both the remote
and local temperature results. When the number of times that the temperature result consecutively exceeds the
high limit register value is equal to the value programmed in the consecutive ALERT register, ALERT is asserted.
Similarly, the consecutive ALERT register setting is also applicable to the low-limit register.
Table 8-5. Consecutive ALERT
REGISTER VALUE
NUMBER OF OUT-OF-LIMIT MEASUREMENTS REQUIRED TO ASSERT ALERT
01h
1 (default)
03h
2
07h
3
0Fh
4
8.1.9 η-Factor Correction Register
The TMP9R01-SEP and TMP9R01-SP devices allows for a different η-factor value to be used for converting
remote channel measurements to temperature. The remote channel uses sequential current excitation to extract
a differential VBE voltage measurement to determine the temperature of the remote transistor. Equation 1 shows
this voltage and temperature.
VBE2−VBE1=ηkTqln I2I1
(1)
The value η in Equation 1 is a characteristic of the particular transistor used for the remote channel. The
power-on reset value for the TMP9R01-SEP and TMP9R01-SP devices is η = 1.008. The value in the η-factor
correction register can be used to adjust the effective η-factor according to Equation 2 and Equation 3.
ηeff= 1.008×2088
2088+NADJUST
(2)
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com