Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 1 Page - Texas Instruments

  TMP9R01DGS/EM Datasheet HTML 1Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 2Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 3Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 4Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 5Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 6Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 7Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 8Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I2C
Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
1 Features
• QMLP, Radiation Hardness Assured (RHA)
– SMD 5962-17218:
– TID characterized up to 100krad(Si)
– TID RLAT/RHA to 100krad(Si)
– SEL immune to LET= 75MeV×cm2/mg at 125°C
– SEE characterized to LET= 75MeV×cm2/mg
– SEFI characterized to LET= 75MeV×cm2/mg
– QMLV version available: TMP461-SP
• Radiation Tolerant (Space Enhanced Plastic)
– Vendor item drawing (VID) V62/24615
– TID characterized up to 50krad(Si)
– TID RLAT/RHA to 30krad(Si)
– SEL immune to LET= 43MeV×cm2/mg at 125°C
– SEE characterized to LET= 43MeV×cm2/mg
– SEFI characterized to LET= 43MeV×cm2/mg
• Temperature accuracy and range:
– 12-bit resolution: 0.0625°C (LSB)
– Local (on-chip) temp accuracy: ±2.0°C (Max)
– Remote junction temp accuracy: ±1.5°C (Max)
– Remote range tested to: –64°C to 191°C
– Military temperature range: -55 to 125°C
• Small-size package: VSSOP-10, 4.9mm × 3.0mm
• Integrated calibration/ protection features:
– η-factor and offset correction
– Series resistance cancellation
– Remote BJT/diode fault detection
– Programmable digital filter
• Wide operating range, low power:
– Voltage supply range: 1.7V to 3.6V
– I/O voltages: 1.8V, 2.5V, and 3.3V
– Standby/shutdown IQ: 15μA/3μA
2 Applications
• Space-grade FPGA, ADCs, DACs, and ASIC
integrated junction temperature sensing
• Communications payload
• Radar imaging payload
• Optical imaging payload
• On-board computer (OBC)
• Command & data handling (C&DH)
3 Description
The TMP9R01-SP (QML Class P) and TMP9R01-
SEP (Radiation Tolerant, Space EP) are high-
accuracy digital I2C temperature sensors integrating
a 12-bit ADC, bias current sources, and calibration
circuitry in a 10-pin VSSOP plastic package. The
devices measure remote temperature by forcing a
bias current through an external BJT or the integrated
diode/junction of an FPGA, ADC, or ASIC, digitizing
the resulting ΔVBE and reporting temperature with
0.0625°C resolution. An additional on-chip sensor
provides local temperature measurement.
The TMP9R01-SP and TMP9R01-SEP incorporate
multiple calibration and protection features, including
series-resistance cancellation, programmable non-
ideality factor (η-Factor), offset correction, and
programmable digital filter. Designers can set high-
and low-temperature limits that drive the ALERT
output
for
over-and-under
temperature
thermal
protection.
Up
to
9
pin-selectable
I2C/SMBus
addresses allow multiple sensors on the same I2C
bus. The devices are designed for multi-location
spacecraft housekeeping, satellite telemetry, avionics,
and other high-reliability applications that require
precise, temperature sensing and with varying levels
of radiation hardness.
The TMP9R01-SP is also available as a functionally
equivalent QMLV-RHA device: TMP461-SP.
Table 3-1. Package Information
DEVICE
Grade
PACKAGE(2)
5962R1721802PYE
QMLP RHA
24-pin plastic
4.9mm × 3.0mm
Mass = 99mg
TMP9R01DGS/EM(1)
Engineering Sample
TMP9R01MDGSTSEP
Rad Tolerant
(1)
Units intended only for engineering evaluation
(2)
The mass is a nominal value and the body size (length ×
width) is a nominal value and include pins.
OSC
SCL
V+
GND
TMP9R01
ADC
Digital
Core
THERM
On-Chip (Local)
BJT
Register
Bank
I2C
Interface
SDA
A1
BJT Bias
Currents
D+
D-
FPGA/ASIC/ADC/DAC
with Integrated
Thermal Junction
-- or –
Discrete BJT
A0
ALERT/
THERM2
°C
°C
N1×I N2×I I
Functional Block Diagram
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP9R01DGS/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP9R01-SEP TI2-TMP9R01-SEP Datasheet
1Mb / 37P
TMP9R01-SEP Radiation Tolerant, I2C Digital Temperature Sensor with Remote and Local (On-Chip) Temperature Sensing
JULY 2025
TMP9R01-SEP TI2-TMP9R01-SEP Datasheet
1Mb / 37P
TMP9R01-SEP Radiation Tolerant, I2C Digital Temperature Sensor with Remote and Local (On-Chip) Temperature Sensing
JULY 2025
TMP9R01-SEP TI2-TMP9R01-SEP_V01 Datasheet
1Mb / 37P
TMP9R01-SEP Radiation Tolerant, I2C Digital Temperature Sensor with Remote and Local (On-Chip) Temperature Sensing
JULY 2025
TMP9R01MDGSTSEP TI2-TMP9R01MDGSTSEP Datasheet
1Mb / 37P
TMP9R01-SEP Radiation Tolerant, I2C Digital Temperature Sensor with Remote and Local (On-Chip) Temperature Sensing
JULY 2025
TMP9R01MDGSTSEP TI2-TMP9R01MDGSTSEP Datasheet
1Mb / 37P
TMP9R01-SEP Radiation Tolerant, I2C Digital Temperature Sensor with Remote and Local (On-Chip) Temperature Sensing
JULY 2025
More results

Similar Description - TMP9R01DGS/EM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com