Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 10Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 11Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 12Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 13Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 14Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 15Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 16Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 17Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
7 Detailed Description
7.1 Overview
The TMP9R01-SEP and TMP9R01-SP device is a digital temperature sensor that combines a local temperature
measurement channel and a remote-junction temperature measurement channel in a single VSSOP DGS-10
package. The device is two-wire- and SMBus-interface-compatible with nine pin-programmable bus address
options, and is specified over a temperature range of –55°C to 125°C. The TMP9R01-SEP and TMP9R01-SP
device also contains multiple registers for programming and holding configuration settings, temperature limits,
and temperature measurement results.
The TMP9R01-SEP and TMP9R01-SP requires only a transistor connected between D+ and D– for proper
remote temperature sensing operation. The SCL and SDA interface pins require pullup resistors as part of the
communication bus, while ALERT and THERM pins are open-drain outputs that require pullup resistors. ALERT
and THERM pins can be shared with other devices for a wired-OR implementation, if desired. TI recommends
using a 0.1µF power-supply bypass capacitor for good local bypassing. Figure 7-1 shows a typical configuration
for the TMP9R01-SEP and TMP9R01-SP.
GND
SDA
SCL
A1
D–
D+
ALERT/ THERM2
A0
V+
THERM
TMP9R01-SEP
6
7
8
9
10
1
2
3
4
5
SMBus
Controller
Host Processor
GND
TL1431-SP
or
LM4050QML-SP
TL1431-SP
or
LM4050QML-SP
Vbatt
Vbatt
GND
Overtemperature
Shutdown
1.7V to 3.6V
1.7V to 3.6V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
CDIFF
RS
RS
PNP Diode-connected configuration
(A):
CDIFF
RS
NPN Diode-connected configuration
(A):
Transistor-connected configuration
(A):
RS
CDIFF
RS
RS
(B)
(B)
(B)
(B)
(B)
(B)
(C)
(C)
(C)
Figure 7-1. Basic Connections
A.
Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation. NPN transistors must be diode-connected. PNP transistors can either be transistor or diode-connected. For more
information on NPN/PNP transistors see Remote Temperature Sensor Transistor Selection Guide application note.
B.
Rs (optional) must be < 1kΩ in most applications. Selections of Rs depends on specific applications; see the Section 7.3.5
C.
CDIFF (optional) must be < 1000pF in most applications. Selection of CDIFF depends on specific application; see the Section 7.3.5 and
Figure 6-8.
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com