Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 20 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 16Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 17Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 18Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 19Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 20Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 21Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 22Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 23Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
50
60
70
80
90
100
ALERT
THERM Limit
THERM Limit - Hysteresis
High Temperature Limit
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
ALERT output
serviced by controller
Figure 7-6. ALERT and THERM Interrupt Operation
50
60
70
80
90
100
THERM2
THERM Limit
THERM Limit - Hysteresis
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
THERM2 Limit
THERM2 Limit - Hysteresis
Figure 7-7. THERM and THERM2 Interrupt
Operation
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The TMP9R01-SEP and TMP9R01-SP shutdown mode enables the user to save maximum power by shutting
down all device circuitry other than the serial interface, and reducing current consumption to typically less than
3μA; see Figure 6-12 (Shutdown Quiescent Current vs Supply Voltage). Shutdown mode is enabled when the
SD bit (bit 6) of the configuration register is high; the device shuts down after the current conversion is finished.
When the SD bit is low, the device maintains a continuous-conversion state.
7.5 Programming
7.5.1 Serial Interface
The TMP9R01-SEP and TMP9R01-SP devices operate only as a target device on either the two-wire bus or the
SMBus. Connections to either bus are made using the open-drain I/O lines, SDA and SCL. The SDA and SCL
pins feature integrated spike suppression filters and Schmitt triggers to minimize the effects of input spikes and
bus noise. The TMP9R01-SEP and TMP9R01-SP devices support the transmission protocol for fast (1kHz to
400kHz) and high-speed (1kHz to 2.17MHz) modes. All data bytes are transmitted MSB first.
7.5.1.1 Bus Overview
The TMP9R01-SEP and TMP9R01-SPdevices are SMBus-interface-compatible. In the SMBus protocol, the
device that initiates the transfer is called a controller, and the devices controlled by the controller are targets. The
bus must be controlled by a controller device that generates the serial clock (SCL), controls the bus access, and
generates the start and stop conditions.
To address a specific device, a start condition is initiated. A start condition is indicated by pulling the data line
(SDA) from a high-to-low logic level when SCL is high. All targets on the bus shift in the target address byte, with
the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the target being
addressed responds to the controller by generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses, followed by an acknowledge bit. During data
transfer, SDA must remain stable when SCL is high. A change in SDA when SCL is high is interpreted as a
control signal.
After all data is transferred, the controller generates a stop condition. A stop condition is indicated by pulling SDA
from low to high when SCL is high.
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com