Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 12Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 13Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 14Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 15Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 16Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 17Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 18Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 19Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
TMP9R01-SEP
TMP9R01-SP
SCL
SDA
THERM
D+
D–
V+
GND
ALERT/THERM2
N2 x I
N1 x I
Internal
BJT
ADC
Control Logic
Register Bank
Serial Interface
Oscillator
I
A0
A1
Figure 7-3.
7.3 Feature Description
7.3.1 Temperature Measurement Data
The local and remote temperature sensors have a resolution of 12 bits (0.0625°C). Temperature data that
result from conversions within the default measurement range are represented in binary form, as shown in the
Standard Binary column of Table 7-1. Any temperatures above 127°C result in a value that rails to 127.9375
(7FFh). The device can be set to measure over an extended temperature range by changing bit 2 (RANGE) of
the configuration register from low to high. The change in measurement range and data format from standard
binary to extended binary occurs at the next temperature conversion. For data captured in the extended
temperature range configuration, an offset of 64 (40h) is added to the standard binary value, as shown in the
Extended Binary column of Table 7-1. This configuration allows measurement of temperatures as low as –64°C,
and as high as 191°C; however, most temperature-sensing diodes only operate within the range of –55°C to
150°C. Additionally, the TMP9R01-SEP and TMP9R01-SP are specified only for ambient temperatures ranging
from –55°C to 125°C; parameters in the Section 6.1 table must be observed.
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com