Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 33Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 34Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 35Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 36Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 37Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 38Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
A power-supply bypass capacitor is recommended. Place this capacitor as close as possible to the supply and
ground pins of the device. A typical value for this supply bypass capacitor is 0.1μF. Applications with noisy or
high-impedance power supplies can require additional decoupling capacitors to reject power-supply noise.
9.5 Layout
9.5.1 Layout Guidelines
Remote temperature sensing on the TMP9R01-SEP and TMP9R01-SP devices measure very small voltages
using very low currents; therefore, noise at the device inputs must be minimized. Most applications using the
device have high digital content, with several clocks and logic-level transitions that create a noisy environment.
Layout must adhere to the following guidelines:
1. Place the TMP9R01-SEP and TMP9R01-SP devices as close to the remote junction sensor as possible.
2. Route the D+ and D– traces next to each other and shield them from adjacent signals through the use
of ground guard traces, as shown in Figure 9-4. If a multilayer PCB is used, bury these traces between
the ground or V+ planes to shield them from extrinsic noise sources. 5mil (0.127mm) PCB traces are
recommended.
3. Minimize additional thermocouple junctions caused by copper-to-solder connections. If these junctions are
used, make the same number and approximate locations of copper-to-solder connections in both the D+ and
D– connections to cancel any thermocouple effects.
4. Use a 0.1μF local bypass capacitor directly between the V+ and GND of the device. For optimum
measurement performance, minimize filter capacitance between D+ and D– to 1000pF or less. This
capacitance includes any cable capacitance between the remote temperature sensor and the device.
5. If the connection between the remote temperature sensor and the device is less than 8in (20.32cm) long,
use a twisted-wire pair connection. For lengths greater than 8 in, use a twisted, shielded pair with the shield
grounded as close to the device as possible. Leave the remote sensor connection end of the shield wire
open to avoid ground loops and 60Hz pickup.
6. Thoroughly clean and remove all flux residue in and around the pins of the TMP9R01-SEP and TMP9R01-
SP devices to avoid temperature offset readings as a result of leakage paths between D+ and GND, or
between D+ and V+.
V+
D+
D-
GND
Ground or V+ layer
on bottom and top,
if possible.
NOTE: Use a minimum of 5mil (0.127mm) traces with 5mil spacing.
Figure 9-4. Suggested PCB Layer Cross-Section
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com