Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 3Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 4Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 5Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 6Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 7Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 8Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 9Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 10Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
6.5 Electrical Characteristics
The specifications shown below correspond to the respectively identified subgroup temperature (see Section 6.7). V+ = 1.7V
to 3.6V, unless otherwise noted.
PARAMETER
CONDITIONS
SUBGROUP
(1)
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
TLOCAL
Local temperature sensor accuracy
[1, 2, 3]
–2
±0.5
2
°C
TREMOTE
Remote temperature sensor accuracy
[1, 2, 3]
–1.5
±0.125
1.5
°C
TERROR_PS
Temperature Error Supply Sensitivity
(Local or remote)
V+ = 1.7V to 3.6V
[1, 2, 3]
-0.3
±0.1
0.3
°C/V
TRES
Temperature resolution
(local and remote)
0.0625
°C
ADC resolution
[4, 5, 6]
12
Bits
tCONV
ADC conversion time
One-shot mode, per channel (local or remote)
[9, 10, 11]
15
17
ms
RSERIES
Remote sensor
source current
High
Series resistance 1kΩ (max)
[1, 2, 3]
85
120
155
µA
Medium
[1, 2, 3]
30
45
60
Low
[1, 2, 3]
5
7.5
10
η
Remote transistor ideality factor
TMP9R01-SEP/TMP9R01-SP optimized ideality
factor
1.008
SERIAL INTERFACE (SCL, SDA)
VIH
High-level input voltage
[1, 2, 3]
1.4
V
VIL
Low-level input voltage
[1, 2, 3]
0.45
V
VHYST
Hysteresis
200
mV
SDA output-low sink current
[1, 2, 3]
6
mA
VOL
Low-level output voltage
IO = –6mA
[1, 2, 3]
0.15
0.4
V
IIN
Serial bus input leakage current
0V ≤ VIN ≤ 3.6V
[1, 2, 3]
–1
1
μA
CIN
Serial bus input capacitance
SCL
3.5
pF
SDA
5
Serial bus clock frequency
[9, 10, 11]
2.17
MHz
Serial bus timeout
[9, 10, 11]
20
25
30
ms
DIGITAL INPUTS (A0, A1)
VIH
High-level input voltage
[1, 2, 3]
0.9×(V+)
(V+) + 0.3
V
VIL
Low-level input voltage
[1, 2, 3]
–0.3
0.1×(V+)
V
IIN
Input leakage current
0V ≤ VIN ≤ 3.6V
[1, 2, 3]
–1
1
μA
CIN
Input capacitance
4.5
pF
DIGITAL OUTPUTS (THERM1, ALERT/THERM2)
Output-low sink current
[1, 2, 3]
6
mA
VOL
Low-level output voltage
IO = –6mA
[1, 2, 3]
0.15
0.4
V
IOH
High-level output leakage current
VO = V+
[1, 2, 3]
1
μA
POWER SUPPLY
V+
Specified supply voltage range
[1, 2, 3]
1.7
3.6
V
IQ
Quiescent current
Active conversion, local sensor
[1, 2, 3]
240
375
µA
Active conversion, remote sensors
[1, 2, 3]
400
600
Standby mode (between conversions),
TMP9R01-SEP
[1, 2, 3]
15
35
Standby mode (between conversions),
TMP9R01-SP
[1, 2, 3]
15
50
Shutdown mode, serial bus inactive, TMP9R01-
SEP
[1, 2, 3]
3
8
Shutdown mode, serial bus inactive, TMP9R01-
SP
[1, 2, 3]
3
25
Shutdown mode, serial bus active, fS = 400kHz
90
Shutdown mode, serial bus active, fS = 2.17MHz
350
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com