Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 27Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 28Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 29Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 33Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 34Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP9R01-SEP and TMP9R01-SP devices requires only a transistor connected between the D+ and D–
pins for remote temperature measurement. Tie the D+ pin to D– or GND if the remote channel is not used
and only the local temperature is measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an
open-drain output) require pullup resistors as part of the communication bus. A 0.1µF power-supply decoupling
capacitor is recommended for local bypassing. TMP9R01-SEP and TMP9R01-SP Basic Connections Using a
Processor Built-In Remote Transistor shows the typical configurations for the device.
For additional information, refer to the application note: How to Optimize Space-Grade Temperature Sensing
Designs.
9.2 Typical Application
GND
SDA
SCL
A1
D–
D+
ALERT/ THERM2
A0
V+
THERM
TMP9R01-SEP
TMP9R01-SP
6
7
8
9
10
1
2
3
4
5
SMBus
Controller
Host Processor
GND
TL1431-SP
or
LM4050QML-SP
TL1431-SP
or
LM4050QML-SP
Vbatt
Vbatt
GND
Overtemperature
Shutdown
1.7V to 3.6V
1.7V to 3.6V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
Figure 9-1. TMP9R01-SEP and TMP9R01-SP Basic Connections Using a Processor Built-In Remote
Transistor
9.2.1 Design Requirements
The TMP9R01-SEP and TMP9R01-SP devices are designed to be used with either discrete transistors or
substrate transistors built into processor chips and application-specific integrated circuits (ASICs). Either NPN
or PNP transistors can be used, as long as the base-emitter junction is used as the remote temperature sense.
www.ti.com
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com