Electronic Components Datasheet Search
  English  ▼

X  

TMP9R01DGS/EM Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP9R01DGS/EM
Description  TMP9R01-SP (QMLP RHA) and TMP9R01-SEP (Radiation Tolerant) Space-Grade, I²C Digital Temperature Sensor With Remote and Local (On-Chip) Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP9R01DGS/EM Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP9R01DGS/EM Datasheet HTML 30Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 31Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 32Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 33Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 34Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 35Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 36Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 37Page - Texas Instruments TMP9R01DGS/EM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
depends on the printed-circuit board (PCB) size that the device is mounted. For this test, the device is soldered
to a two-layer PCB that measures 0.5 inches × 0.5 inches.
Time (s)
-1 0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
0
25
50
75
100
125
Local
Remote
Local: soldered devices on 62mil 2-layer FR4 PCB
Remote: characterized with 2N3906 PNP transistor
Figure 9-3. Temperature Step Response
9.3 Radiation Environments
Careful consideration must be given to environmental conditions when using a product in a radiation
environment.
Note
During the exposure time, all I2C registers can be continuously read. However, resetting the
TMP9R01-SEP and TMP9R01-SP devices before every read is recommended. Without resetting the
device, there is a chance the device performs not as accurate as expected.
9.3.1 Single Event Latch-Up
One-time single event latch-up (SEL) testing is preformed according to EIA/JEDEC Standard, EIA/JEDEC57.
The linear energy transfer threshold (LETth) shown in Features is the maximum LET tested. A test report
is available in the TMP9R01-SEP Single-Event Effects (SEE) Radiation Test Report and TMP9R01-SP Single-
Event Effects (SEE) Radiation Test Report.
9.3.2 Single Event Functional Interrupt
To mitigate the effects of single-event upsets and single-event functional interrupts, write the appropriate value
to the pointer register each time a read operation is performed. Relying on the last value stored in the pointer
register can increase the probability of a failed read due to a single event upset.
If other functions are being used, such as the temperature limit register, occasionally rewriting to these registers
can be necessary.
9.3.3 Single Event Upset
A report on single event upset (SEU) is available in the TMP9R01-SEP Single-Event Effects (SEE) Radiation
Test Report.
9.4 Power Supply Recommendations
The TMP9R01-SEP and TMP9R01-SP devices operate with a power-supply range of 1.7V to 3.6V. The device is
optimized for operation at a 3.3V supply but can measure temperature accurately in the full supply range.
TMP9R01-SEP, TMP9R01-SP
SNIS238A – JULY 2025 – REVISED JULY 2026
www.ti.com
34
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMP9R01-SEP TMP9R01-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com